Part Number Hot Search : 
IDT72255 1A353 TKDD40A LTC699C AM3457P M4C31 MA26376 ZD4679
Product Description
Full Text Search
 

To Download PG03DXTEV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
Protection in Portable Electronics Applications.
PG03DXTEV
TVS Diode Array for ESD Protection in Portable Electronics
B
FEATURES
ESD Protection: IEC 61000-4-2 Level 4. MILSTD883C-Method 3015-6:Class 3
A1 A
B1
DIM A
1 5 C A1 B B1 C D H J P P P
Four separate unidirectional configurations for protection Low leakage current<1 A @3Volts Low capacitance Complies to USB 1.1 low speed & high speed specifications
2 D
3
4
MILLIMETERS _ 1.6 + 0.05 _ 1.0 + 0.05 _ 1.6 + 0.05 _ 1.2+ 0.05 0.50 _ 0.2 + 0.05 _ 0.5 + 0.05 _ 0.12 + 0.05 5
H
C
J
APPLICATIONS
Cell phone handsets and accessories. Cordless phones. Personal digital assistants (PDA s) Notebooks, desktopsPC, & servers. Portable instrumentation. Set-Top Box, DVD Player. Digital Camera.
1. (TVS) D1 CATHODE 2. COMMON ANODE 3. (TVS) D2 CATHODE 4. (TVS) D3 CATHODE 5. (TVS) D4 CATHODE
TESV
Marking
5
Type Name 4
MAXIMUM RATING (Ta=25
CHARACTERISTIC Peak Pulse Power (tp=8/20 s) Peak Pulse Current (tp=8/20 s) Operating Temperature Storage Temperature
)
SYMBOL PPK IPP Tj Tstg RATING 20 1.6 -55 150 -55 150
1 2 3
UNIT W A
1
TA
2
5 4
3
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Junction Capacitance
)
TEST CONDITION It=1mA VRWM=3V IPP=1.6A, tp=8/20 s VR=0V, f=1MHz CJ VR=3.0V, f=1MHz MIN. 5.3 TYP. 13 7.0 MAX. 3.3 5.9 1 13 17 pF 11.5 UNIT V V A V
SYMBOL VRWM VBR IR VC
2007. 9. 10
Revision No : 1
1/2
PG03DXTEV
NON-REPETITIVE PEAK PULSE POWER VS. PULSE TIME
PEAK PULSE POWER PP P (W)
1K 110
POWER DERATION CURVE
RATED POWER OR IPP (%)
100
100 90 80 70 60 50 40 30 20 10 0 0 25 50
Peak Pulse Power 8/20us
Average Power
10 1 10 100
75
100
125
150
PULSE DURATION tP (s)
AMBIENT TEMPERATURE Ta ( C)
PULSE WAVEFORM
PEAK PULSE CURRENT IPP (%)
110 12
Waveform Parameters : tr=8s td=20s e -t
CJ - VR
CAPACITANCE CJ (pF)
100 90 80 70 60 50 40 30 20 10 0 0 5 10
10 8 6 4 2 0
td=lpp/2
15
20
25
30
0
1
2
3
4
5
TIME (s)
REVERSE VOLTAGE VR (V)
2007. 9. 10
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of PG03DXTEV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X